PART |
Description |
Maker |
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
DSP1A-DC12V DSP1A-DC12V-R DSP1A-DC5V DSP1A-DC9V DS |
MINIATURE POWER RELAY IN DS RELAY SERIES
|
Nais(Matsushita Electri... NAIS[Nais(Matsushita Electric Works)]
|
SI4431BDY-T1-GE3 |
5700 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
VISHAY SILICONIX
|
MMSF4P01ZR2 MMSF4P01ZR1 |
5700 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Motorola Mobility Holdings, Inc.
|
5962-9073601HXC |
OP-AMP, 5700 uV OFFSET-MAX, MBFM8
|
APEX MICROTECHNOLOGY CORP
|
TDE1607 TDE1737 TDE1787 TDE1787A TDE1797 TDE3207 T |
LAMP AND RELAY DRIVERS
|
http:// List of Unclassifed Manufacturers STMicroelectronics ETC[ETC]
|
TDE1747 TDF1747 TDF1747DP TDE1747DP TDE1747FP |
INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER INTERFACE CIRCUIT ? RELAY AND LAMP ? DRIVER INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
|
STMICROELECTRONICS[STMicroelectronics]
|
TDE3247FP TDE3247FPT TDE3247 |
Interface circuit (relay and lamp driver)
|
STMICROELECTRONICS[STMicroelectronics]
|
TDE1737DP TDE1737FP TDF1737 TDF1737DP TDF1737FP 15 |
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
RIF-1-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
|
PHOENIX CONTACT
|
MZ-12HS |
(MZ Series) Miniature Relay
|
Fujitsu Microelectronics
|
5-1617076-1 |
3SBH 1/5-Size Relay Series
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|